Part Number Hot Search : 
TFMBJ110 AN470 W91F822N TFMBJ110 70280 IRF6215S STA221A L4100
Product Description
Full Text Search
 

To Download KTA1725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH POWER AMPLIFIER APPLICATION. FEATURES Complementary to KTC4511.
A U E
KTA1725
EPITAXIAL PLANAR PNP TRANSISTOR
C
S
T L L
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation (Tc=25... ) Junction Temperature Storage Temperature Range
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg
RATING -80 -80 -6 -6 -3 30 150 -55150
UNIT V V V A A W ... ...
O
D
D
N T
N T
Q
1
2
3
J
MAXIMUM RATING (Ta=25... )
M
DIM MILLIMETERS A 10.30 MAX B 15.30 MAX C 2.70ae0.30 D 0.85 MAX E *' 3.20ae0.20 F 3.00ae0.30 12.30 MAX G 0.75 MAX RH 13.60ae0.50 J K 3.90 MAX L 1.20 1.30 M V N 2.54 4.50ae0.20 O P 6.80 2.60ae0.20 Q R 10 H S 25 5 T U 0.5 V 2.60ae0.15
F G B
K
1. BASE 2. COLLECTOR
3. EMITTER
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25... )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Note : hFE Classification R:55~110, SYMBOL ICBO IEBO V(BR)CEO hFE(Note) VCE(sat) fT Cob O:80~160. TEST CONDITION VCB=-80V, IE=0 VEB=-6V, IC=0 IC=-25mA, IB=0 VCE=-4V, IC=-2A IC=-2A, IB=-0.2A VCE=-12V, IC=-0.5A VCB=-10V, IE=0, f=1MHz MIN. -80 55 TYP. 20 150 MAX. -10 -10 160 -0.5 V MHz pF UNIT *IA *IA V
2002. 6. 5
Revision No : 0
P
1/3
KTA1725
I C - VCE
COLLECTOR CURRENT I C (A)
2 =-
VCE(sat) - I B
I C =-100mA I =-80mA
C
A 0m mA -15 00 IC =
IC
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V)
-6
-3
-4
I C =-50mA I C =-30mA
-2
-2
I C =-20mA I C =-10mA
-1
I C=-6A I C=-2A I C=-4A
0
0 0 -0.5 -1.0 -1.5 BASE CURRENT I B (A)
0
-1
-2
-3
-4
COLLECTOR-EMITTER VOLTAGE VCE (V)
I C - V BE
-6 COLLECTOR CURRENT I C (A)
V CE =-4V
h FE - I C
1k DC CURRENT GAIN h FE 500 300
Tc=125 C Tc=25 C VCE =-4V
-4
100 50 30
Tc=-30 C
Tc =1 25
C
0 0 -1 BASE-EMITTER VOLTAGE VBE (V) -1.5
Tc= -3 0
Tc =2 5
C
-2
C
10 -0.01
-0.03
-0.1
-0.3
-1
-3
-10
COLLECTOR CURRENT I C (A)
h FE - I C
1k VCE =-4V DC CURRENT GAIN h FE 500 300
Tc=125 C Tc=25 C Tc=-30 C
R th - t
TRANSIENT THERMAL RESISTANCE r th ( C/W) 1k
1 NO HEAT SINK 2 INFINITE SINK
100
1
100 50 30
10
2
1
10 -0.01
-0.03
-0.1
-0.3
-1
-3
-10
0.1 0.001
0.01
0.1
1 TIME t (S)
10
100
1k
COLLECTOR CURRENT I C (A)
2002. 6. 5
Revision No : 0
2/3
KTA1725
fT - IE
30 CUT-OFF FREQUENCY f T (MHz)
VCE =-12V
SAFE OPERATING AREA
-30 COLLECTOR CURRENT IC (A) -10 -5 -3 -1 -0.5 -0.3 -0.1 -0.05 -3
I C MAX.(PULSED)
20
C 25 =1 Tc 5 C =2 Tc C 0 =-3 Tc
100ms*
DC (T c= 25
10 ms *
C)
10
0 -0.01
-0.03
-0.1
-0.3
-1
-3
-10
EMITTER CURRENT I E (A)
*SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
-10
-30
-100 -
300
COLLECTOR-EMITTER VOLTAGE VCE (V)
Pc - Ta
MAXIMUM POWER DISSIPATION PC (W) -40 -30 -25 -20 -15 -10 -5 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE Ta ( C)
(2) (1) (1)Tc=Ta INFINITE HEAT SINK (2)NO HEAT SINK
2002. 6. 5
Revision No : 0
3/3


▲Up To Search▲   

 
Price & Availability of KTA1725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X